Part Number Hot Search : 
C5750X7 NJM2516 PMF100CA HMC783 0N06S 78070AY M5L2764K UHE1A272
Product Description
Full Text Search
 

To Download G5753 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ver: 0.8 jan 09, 2012 tel: 886-3-5788833 http://www.gmt.com.tw 1 G5753/G5753a global mixed-mode technology 3a step-down dc/dc features ? 3a output current ? 0.15 internal power mosfet switch ? stable with low esr output ceramic capacitors ? up to 95% efficiency ? 30a shutdown mode ? fixed 380khz frequency ? thermal shutdown ? cycle-by-cycle over current protection ? wide 4.5v to 24v operating input range ? output adjustable from 1.22v to 21.6v(G5753) ? output adjustable from 0.92v to 21.6v(G5753a) ? available in sop-8 (fd), dip-8 & msop-10 (fd) package applications ? pc monitors ? dsl modems ? distributed power systems ? pre-regulator for linear regulators general description the G5753/G5753a is a monolithic step-down switch mode regulator with a built in internal power mosfet. it achieves 3a continuous output current over a wide input supply range with excellent load and line regulation. current mode operation provides fast transient re- sponse and eases loop stabilization. fault condition protection includes cycle-by-cycle cur- rent limiting, output short circuit protection and thermal shutdown. in shutdown mode the regulator draws 30a of supply current. programmable soft-start over- writes the internal soft-start for various requirement of output power up ramp and minimizes the inrush supply current at initial startup. the G5753/g 5753a r equires a minimum number of readily available standard external components. it is available in a sop-8 (fd), dip-8 & msop-10 (fd) package. ordering information order number marking temp. range package (green) G5753f11u G5753 -40 c to +85 c sop-8 (fd) G5753af11u G5753a -40 c to +85 c sop-8 (fd) G5753z31u G5753 -40 c to +85 c dip-8 G5753az31u G5753a -40 c to +85 c dip-8 G5753f61u G5753 -40 c to +85 c msop-10 (fd) G5753af61u G5753a -40 c to +85 c msop-10 (fd) note: f1: sop-8 (fd) z3: dip-8 f6: msop-10 (fd) 1: bonding code u : tape & reel pin configuration typical application circuit output 2.5v/3a r1 10.5k 1% l1 15h d1 3/5 5/7 c5 10nf 4/6 6/8 bs in en ss lx fb comp gnd G5753 c1 10f 35v c2 22f/35v ceramic r2 10k 1% on c3 1nf r3 6.2k c6 open input 4.5v to 24v c4 10nf off 1/2 2/4 7/9 8/10 output 1.2v/3a r1 3.3k 1% l1 15h d1 3/5 5/7 c5 10nf 4/6 6/8 bs in en ss lx fb comp gnd G5753a c2 22f/35v ceramic r2 10k 1% on c3 1nf r3 8.2k c6 open c4 10nf off 7/9 8/10 sop-8 (fd)/dip-8 G5753/G5753a lx 8 6 5 1 2 3 4 bs in gnd ss en comp fb 7 thermal pad note: recommend connecting the thermal pad to the ground for excellent power dissipation. note: recommend connecting the thermal pad to the ground for excellent power dissipation. nc 10 8 7 1 2 3 4 nc bs in ss en comp fb msop-10 (fd) 9 6 5 lx gnd thermal pad G5753/G5753a sop-8 / msop-10 (fd) pin no. 2/4 1/2 input 4.5v to 24v c1 10f 35v note: recommend choosing the small vf of diode to avoid lx to gnd smaller then -0.7v. output 2.5v/3a r1 10.5k 1% l1 15h d1 3/5 5/7 c5 10nf 4/6 6/8 bs in en ss lx fb comp gnd G5753 c1 10f 35v c2 22f/35v ceramic r2 10k 1% on c3 1nf r3 6.2k c6 open input 4.5v to 24v c4 10nf off 1/2 2/4 7/9 8/10 output 1.2v/3a r1 3.3k 1% l1 15h d1 3/5 5/7 c5 10nf 4/6 6/8 bs in en ss lx fb comp gnd G5753a c2 22f/35v ceramic r2 10k 1% on c3 1nf r3 8.2k c6 open c4 10nf off 7/9 8/10 sop-8 (fd)/dip-8 G5753/G5753a lx 8 6 5 1 2 3 4 bs in gnd ss en comp fb 7 thermal pad note: recommend connecting the thermal pad to the ground for excellent power dissipation. note: recommend connecting the thermal pad to the ground for excellent power dissipation. nc 10 8 7 1 2 3 4 nc bs in ss en comp fb msop-10 (fd) 9 6 5 lx gnd thermal pad G5753/G5753a sop-8 / msop-10 (fd) pin no. 2/4 1/2 input 4.5v to 24v c1 10f 35v note: recommend choosing the small vf of diode to avoid lx to gnd smaller then -0.7v.


▲Up To Search▲   

 
Price & Availability of G5753

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X